Part Number Hot Search : 
680103 ON1186 BA7654F B1205 LG51A R451A RU16P8M4 PN85501
Product Description
Full Text Search
 

To Download TSOP1530 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tsop15.. vishay telefunken 1 (7) rev. 9, 30-mar 01 www.vishay.com document number 82029 photo modules for pcm remote control systems available types for different carrier frequencies type fo type fo TSOP1530 30 khz tsop1533 33 khz tsop1536 36 khz tsop1537 36.7 khz tsop1538 38 khz tsop1540 40 khz tsop1556 56 khz description the tsop15.. series are miniaturized receivers for infrared remote control systems. pin diode and preamplifier are assembled on lead frame, the epoxy package is designed as ir filter. the demodulated output signal can directly be decoded by a microprocessor. the main benefit is the reliable function even in disturbed ambient and the protection against uncontrolled output pulses. 94 8691 gnd v s out features  photo detector and preamplifier in one package  internal filter for pcm frequency  improved shielding against electrical field disturbance  ttl and cmos compatibility  output active low  low power consumption  suitable burst length 10 cycles/burst special features  improved directivity  enhanced immunity against all kinds of disturbance light  no occurrence of disturbance pulses at the output block diagram 94 8136 pin input agc control circuit band pass demodu- lator 80 k  1 2 3 v s out gnd
tsop15.. vishay telefunken rev. 9, 30-mar-01 www.vishay.com document number 82029 2 (7) absolute maximum ratings t amb = 25  c parameter test conditions symbol value unit supply voltage (pin 2) v s 0.3...6.0 v supply current (pin 2) i s 5 ma output voltage (pin 3) v o 0.3...6.0 v output current (pin 3) i o 5 ma junction temperature t j 100  c storage temperature range t stg 25...+85  c operating temperature range t amb 25...+85  c power consumption (t amb  85  c) p tot 50 mw soldering temperature t  10 s, 1 mm from case t sd 260  c basic characteristics t amb = 25  c parameter test conditions symbol min typ max unit supply current (pin 2) v s = 5 v, e v = 0 i sd 0.4 1.5 ma y() v s = 5 v, e v = 40 klx, sunlight i sh 1.0 ma supply voltage (pin 2) v s 4.5 5.5 v transmission distance e v = 0, test signal see fig.7, ir diode tsal6200, i f = 300 ma d 35 m output voltage low (pin 3) i osl = 0.5 ma,e e = 0.7 mw/m 2 , f = f o , t p /t = 0.4 v osl 250 mv irradiance (30 40 khz) pulse width tolerance: t pi 5/f o < t po < t pi + 6/f o , test signal see fig.7 e e min 0.25 0.38 mw/m 2 irradiance (56 khz) pulse width tolerance: t pi 5/f o < t po < t pi + 6/f o , test signal see fig.7 e e min 0.3 0.45 mw/m 2 irradiance t pi 5/f o < t po < t pi + 6/f o e e max 30 w/m 2 directivity angle of half transmission distance j 1/2 55 deg application circuit 14375 tsal62.. tsop15.. 2 3 1 4.7  f *)  c > 10 k  optional 100  *) +5v *) recommended to suppress power supply disturbances gnd **) the output voltage should not be hold continuously at a voltage below 3.3v by the external circuit. **)
tsop15.. vishay telefunken 3 (7) rev. 9, 30-mar 01 www.vishay.com document number 82029 suitable data format the circuit of the tsop15.. is designed in that way that unexpected output pulses due to noise or disturbance signals are avoided. a bandpassfilter, an integrator stage and an automatic gain control are used to suppress such disturbances. the distinguishing mark between data signal and disturbance signal are carrier frequency, burst length and duty cycle. the data signal should fullfill the following condition: ? carrier frequency should be close to center frequency of the bandpass (e.g. 38khz). ? burst length should be 10 cycles/burst or longer. ? after each burst which is between 10 cycles and 70 cycles a gap time of at least 14 cycles is neccessary. ? for each burst which is longer than 1.8ms a corresponding gap time is necessary at some time in the data stream. this gap time should be at least 4 times longer than the burst. ? up to 800 short bursts per second can be received continuously. some examples for suitable data format are: nec code (repetitive pulse), nec code (repetitive data), toshiba micom format, sharp code, rc5 code, rc6 code, r2000 code. when a disturbance signal is applied to the tsop15.. it can still receive the data signal. however the sensitivity is reduced to that level that no unexpected pulses will occure. some examples for such disturbance signals which are suppressed by the tsop15.. are: ? dc light (e.g. from tungsten bulb or sunlight) ? continuous signal at 38khz or at any other frequency ? signals from fluorescent lamps with electronic ballast with high or low modulation (see figure a or figure b). 0 5 10 15 20 time [ms] figure a: ir signal from fluorescent lamp with low modulation 0 5 10 15 20 time [s] figure b: ir signal from fluorescent lamp with high modulation
tsop15.. vishay telefunken rev. 9, 30-mar-01 www.vishay.com document number 82029 4 (7) typical characteristics (t amb = 25  c unless otherwise specified) 0.7 0.8 0.9 1.0 1.1 e / e rel. responsitivity e min f/f 0 relative frequency 1.3 94 8143 0.0 0.2 0.4 0.6 0.8 1.0 e 1.2 f = f 0  5%  f ( 3 db ) = f 0 /10 figure 1. frequency dependence of responsivity 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.1 1.0 10.0 100.0 1000.0 10000.0 e e irradiance ( mw/m 2 ) 12841 po t output pulse length (ms) input burst duration  = 950 nm, optical test signal, fig.7 figure 2. sensitivity in dark ambient 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0.01 0.10 1.00 10.00 100.00 e dc irradiance (w/m 2 ) 96 12111 e min e threshold irradiance (mw/m ) 2 correlation with ambient light sources ( disturbance effect ) : 10w/m 2  1.4 klx ( stand.illum.a, t = 2855 k )  8.2 klx ( daylight, t = 5900 k ) ambient,  = 950 nm figure 3. sensitivity in bright ambient 0.0 0.4 0.8 1.2 1.6 0.0 0.4 0.8 1.2 2.0 e field strength of disturbance ( kv / m ) 2.0 94 8147 1.6 e threshold irradiance ( mw/m ) e min 2 f(e)=f 0 figure 4. sensitivity vs. electric field disturbances 0.01 0.1 1 10 100 0.1 1 10 1000 94 9106  v srms ac voltage on dc supply voltage ( mv ) e threshold irradiance ( mw/m ) e min 2 f = f 0 10 khz 100 hz 1 khz figure 5. sensitivity vs. supply voltage disturbances 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 30 15 0 15 30 45 60 75 90 t amb ambient temperature ( c ) 96 12112 e min e threshold irradiance (mw/m ) 2 sensitivity in dark ambient figure 6. sensitivity vs. ambient temperature
tsop15.. vishay telefunken 5 (7) rev. 9, 30-mar 01 www.vishay.com document number 82029 e e t t pi * t * t pi  10/fo is recommended for optimal function v o v oh v ol t 16110 optical test signal (ir diode tsal6200, i f = 0.4 a, 30 pulses, f = f 0 , t = 10 ms) output signal t d 1 ) t po 2 ) 1 ) 7/f 0 < t d < 15/f 0 2 ) t po = t pi  6/f 0 figure 7. output function e e t v o v oh v ol t 600  s 600  s t = 60 ms t on t off 94 8134 optical test signal output signal , ( see fig.10 ) figure 8. output function 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 10 20 30 40 50 60 70 80 90 burstlength [number of cycles/burst] 16153 envelope duty cycle figure 9. sensitivity vs. duty cycle 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.1 1.0 10.0 100.0 1000.0 10000.0 e e irradiance (mw/m 2 ) 12843 on off t ,t output pulse length (ms) t on  = 950 nm, optical test signal, fig.8 t off figure 10. output pulse diagram 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 30 15 0 15 30 45 60 75 90 t amb ambient temperature ( c ) 96 12115 i supply current ( ma ) s v s = 5 v figure 11. supply current vs. ambient temperature 750 850 950 1050 0 0.2 0.4 0.6 0.8 1.2 s ( ) relative spectral sensitivity rel  wavelength ( nm ) 1150 94 8408 1.0  figure 12. relative spectral sensitivity vs. wavelength
tsop15.. vishay telefunken rev. 9, 30-mar-01 www.vishay.com document number 82029 6 (7)  x  y 0 0.4 0.2 0.2 0.4 30 d rel relative transmission distance 0.6 94 8152 0.6 010 10 20 20 40 figure 13. vertical directivity j y 94 8153 0 0.4 0.2 0.2 0.4 30 d rel relative transmission distance 0.6 0.6 010 10 20 20 40 figure 14. horizontal directivity j x dimensions in mm 96 12116
tsop15.. vishay telefunken 7 (7) rev. 9, 30-mar 01 www.vishay.com document number 82029 ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( odss ). the montreal protocol ( 1987 ) and its london amendments ( 1990 ) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2 . class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency ( epa ) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c ( transitional substances ) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay-telefunken products for any unintended or unauthorized application, the buyer shall indemnify vishay-telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 ( 0 ) 7131 67 2831, fax number: 49 ( 0 ) 7131 67 2423


▲Up To Search▲   

 
Price & Availability of TSOP1530

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X